Part Number Hot Search : 
ERF216B1 2E334 R2100 ZUY88W 68HC9 38053 OPF506 P1206
Product Description
Full Text Search
 

To Download SW6R48D03UWF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUPERWORLD ELECTRONICS
SW6R UW Series - 6W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW6R UW PRODUCT RANGE
Model Vin (Vdc) 18-75 18-75 18-75 18-75 18-75 18-75 18-75 18-75 18-75 18-75 Vout (Vdc) 3.3 5 9 12 15 3.3 5 9 12 15 Iout (mA) 1818 1200 666 500 400 909 600 333 250 200 Iin (rated) (mA) 330 300 300 300 270 167 150 150 150 137 Eff. (%) 76 80 82 83 85 74 78 80 82 84
FEATURES
* * * * * * * * * * Industry standard E & L packages Ultra-Wide Input Range 18-75 Vdc Single & Dual 1500Vdc Isolated Outputs Operating Temp Range -40oC to 100oC High Efficiencies to 85% Continuous Short Circuit Protection Undervoltage Lock-out Metal Casing 2 Year Warranty Internal Input and Output Filtering
SW6R48S03UWF SW6R48S05UWF SW6R48S09UWF SW6R48S12UWF SW6R48S15UWF SW6R48D03UWF SW6R48D05UWF SW6R48D09UWF SW6R48D12UWF SW6R48D15UWF
DESCRIPTION
The SW6R UW Series is a 1500Vdc isolated range of single and dual output 6W DC-DC converters, designed with a 4:1 input voltage range and ideal for use in a whole variety of telecoms, industrial and distributed power applications. The ultra-wide input range and large number of output options ensures a product that meets the requirements of the most challenging of environments. .Available in industry standard E and L DIP packages (32 x 20 x 9 mm), the SW6R UW is fully encapsulated in a metal case and is designed to meet EN60950 and UL1950 safety standards. Continuous SC protection and UVLO are some of the many SW6R W features.
MECHANICAL (E Package)
Pin 1 2 3 10 11 12 13 14 15 22 23 24 Singles +Vin NC NC - Vout +Vout -Vin -Vin +Vout -Vout NC NC +Vin Dual +Vin -Vout Common Common +Vout -Vin -Vin +Vout Common Common -Vout +Vout
SW6R48S03UWEF
Apply E or L to part number when ordering
SW6R UW Series Product Datasheet
www.superworld.com.sg
1 of 2
MECHANICAL (L Package)
Pin 2 3 9 11 14 16 22 23 Singles -Vin -Vin NC NC +Vout -Vout +Vin +Vin Dual -Vin -Vin Common -Vout +Vout Common +Vin +Vin
SW6R48S03UWLF
Apply E or L to part number when ordering
SW6R UW INPUT SPECIFICATIONS
PARAMETER Input Current (No Load) Voltage Range Transient Input Voltage (1msec) Undervoltage Lockout Reflected Ripple Current CONDITIONS All models 18 On Off MIN TYPICAL 20 75 100 17.5 16 35 mAp-p MAX UNITS mA Vdc Vdc Vdc
SW6R UW OUTPUT SPECIFICATIONS
PARAMETER Rated Power Voltage Setpoint Accuracy Line Regulation Load Regulation Ripple & Noise Current Limit Output Overvoltage Clamp Temperature Coefficient Short Circuit Protection CONDITIONS All models 1% change in Vin (10% load to rated load) BW = DC to 20MHz 120% x Iout
0.008 0.5 1
MIN
TYPICAL
MAX 6.0
5 2 3
UNITS W % %
%
mVp-p W % Vout %/ oC second
1% 7.2 120 1
SW6R UW GENERAL CHARACTERISTICS
PARAMETER Temperature CONDITIONS Temperature (Ambient) Temperature (Case) Storage Isolation Test Voltage Resistance Capacitance Leakage Current MIL-HDBK-217E MIN -25 -40 -40 1500 10 20 20 150 450000 20 TYPICAL MAX 70 100 100 UNITS
o o
C C o C Vdc G pF Arms kHz hrs g
Isolation
Switching Frequency MTTF (Ta = 25 oC) Weight
Refer to Medium Power Application Note 1 for additional Performance Curves & Data
Superworld Electronics (S) Pte Ltd
16 New Industrial Road #06-01 to 08 Hudson TechnoCentre Singapore 536204 Tel : (65) 6298 2866 Fax : (65) 6298 8900 Email : sales@superworld.com.sg
SW6R UW Series Product Datasheet
www.superworld.com.sg
2 of 2


▲Up To Search▲   

 
Price & Availability of SW6R48D03UWF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X